Part Number Hot Search : 
C2400 SD40D2 R5F2126 TLMW3102 MAX111 V540MH HCF4724 B72205
Product Description
Full Text Search
 

To Download CSC1213D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company
NPN SILICON EPITAXIAL TRANSISTORS
CSC1213 CSC1213A TO-92 Plastic Package
Low Frequency Amplifier.
ABSOLUTE MAXIMUM RATINGS (Ta=25C unless specified otherwise) DESCRIPTION SYMBOL CSC1213 VCEO 35 Collector Emitter Voltage VCBO Collector Base Voltage 35 Emitter Base Voltage Collector Current Collector Power Dissipation Operating And Storage Junction Temperature Range VEBO IC PC Tj, Tstg 4.0 500 400 -55 to +150 CSC1213A 50 50 6 UNIT V V V mA mW C
ELECTRICAL CHARACTERISTICS (Ta=25C unless specified otherwise) DESCRIPTION SYMBOL MIN VCBO IC=10A,IE=0 Collector Base Voltage CSC1213 35 CSC1213A 50
TYP
MAX
UNIT V V
Collector Emitter Voltage CSC1213 CSC1213A Emitter Base Voltage Collector Cut off Current DC Current Gain Collector Emitter Saturation Voltage Base Emitter on Voltage * hFE CLASSIFICATION CSC1213 & CSC1213A ** Pulse Test
VCEO
IC=1mA,IB=0 35 50 V V V 500 60 10 0.6 V 320 nA
VEBO ICBO hFE* hFE**
IE=10A, IC=0 VCB=20V, IE = 0 VCE=3V,IC=10mA VCE=3V,IC=500mA
4.0
VCE(sat)* * IC=150mA,IB=15mA
VBE (on) B 60-120
IC=10mA, VCE=3V C 100-200
0.64 D 160-320
V
Continental Device India Limited
Data Sheet
Page 1 of 3
CSC1213 CSC1213A TO-92 Plastic Package TO-92 Plastic Package
TO-92 Transistors on Tape and Ammo Pack B
Dimension With 'L'
Ammo Pack Style
MECHANICAL DATA
T P h A A1 (p)
Adhesive Tape on Top Side
D FEE
Carrier Strip
Uncontrolled
h
LABEL
FLAT SIDE
183
A
H1
H0 L
W2
Wo W1 W
L
t1
Solderability Ensured
t
F1 F P2 Po
F2
Do
Beyond 'L'
K
1 2 3 D G AA
42
331
Flat Side of Transistor and Adhesive Tape Visible 2000 pcs./Ammo Pack
All dimensions in mm unless specified otherwise
D 3 E 2 1
ITEM BODY WIDTH BODY HEIGHT BODY THICKNESS PITCH OF COMPONENT FEED HOLE PITCH FEED HOLE CENTRE TO COMPONENT CENTRE DISTANCE BETWEEN OUTER LEADS COMPONENT ALIGNMENT TAPE WIDTH HOLD-DOWN TAPE WIDTH HOLE POSITION HOLD-DOWN TAPE POSITION LEAD WIRE CLINCH HEIGHT COMPONENT HEIGHT LENGTH OF SNIPPED LEADS FEED HOLE DIAMETER TOTAL TAPE THICKNESS LEAD - TO - LEAD DISTANCEF1, CLINCH HEIGHT PULL - OUT FORCE
SYMBOL A1 A T P Po P2 F h W Wo W1 W2 Ho H1 L Do t F2 H2 (P)
SEC AA DIM MIN. MAX.
F
F
321
PIN CONFIGURATION 1. BASE 2. COLLECTOR 3. EMITTER
A B C D E F G H K L
4.32 5.33 4.45 5.20 3.18 4.19 0.41 0.55 0.35 0.50 5 DEG 1.14 1.40 1.14 1.53 12.70 -- 1.982 2.082
SPECIFICATION REMARKS MIN. NOM. MAX. TOL . 4.0 4.8 5.2 4.8 4.2 3.9 12.7 1 12.7 0.3 CUMULATIVE PITCH ERROR 1.0 mm/20 PITCH 6.35 0.4 TO BE MEASURED AT BOTTOM OF CLINCH +0.6 5.08 -0.2 1 0 AT TOP OF BODY 18 0.5 6 0.2 9 +0.7 -0.5 0.5 0.2 16 0.5 23.25 11.0 4 0.2 1.2 t1 0.3 - 0.6 2.54 +0.4 -0.1 3 6N
H
C
All diminsions in mm.
NOTES 1. MAXIMUM ALIGNMENT DEVIATION BETWEEN LEADS NOT TO BE GREATER THAN 0.2 mm. 2. MAXIMUM NON-CUMULATIVE VARIATION BETWEEN TAPE FEED HOLES SHALL NOT EXCEED 1 mm IN 20 PITCHES. 3. HOLDDOWN TAPE NOT TO EXCEED BEYOND THE EDGE(S) OF CARRIER TAPE AND THERE SHALL BE NO EXPOSURE OF ADHESIVE. 4. NO MORE THAN 3 CONSECUTIVE MISSING COMPONENTS ARE PERMITTED. 5. A TAPE TRAILER, HAVING AT LEAST THREE FEED HOLES ARE REQUIRED AFTER THE LAST COMPONENT. 6. SPLICES SHALL NOT INTERFERE WITH THE SPROCKET FEED HOLES.
Packing Detail
PACKAGE TO-92 Bulk TO-92 T&A STANDARD PACK Details Net Weight/Qty 1K/polybag 200 gm/1K pcs 2K/ammo box 645 gm/2K pcs INNER CARTON BOX Size Qty 3" x 7.5" x 7.5" 5K 12.5" x 8" x 1.8" 2K OUTER CARTON BOX Size Qty Gr Wt 17" x 15" x 13.5" 80K 23 kgs 17" x 15" x 13.5" 32K 12.5 kgs
Continental Device India Limited
Data Sheet
Page 2 of 3
Notes
CSC1213 CSC1213A TO-92 Plastic Package
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished in the Data Sheet and on the CDIL Web Site/CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 5141 1112 Fax + 91-11-2579 5290, 5141 1119 email@cdil.com www.cdilsemi.com
CSC1213_ARev081001
Continental Device India Limited
Data Sheet
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of CSC1213D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X